PART |
Description |
Maker |
M80-5T10422M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
39-01-4037 39-01-4032 |
Multipole Connector; Gender:Male; No. of Contacts:3; Series:Mini-Fit Jr.; Body Material:Nylon 6/6; No. of Rows:1; Pitch Spacing:0.165" RoHS Compliant: Yes 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG Header Connector,Cable Mnt,PLUG,3 Contacts,SKT,0.165 Pitch,POLARIZED LCK 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
M80-5T1060500-06-331-02-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No jackscrews, 6 x 3mm PC Tail signal contacts, 6 x 3.5mm PC Tail Power contacts and 2 x 3mm PC Tail Coax contacts
|
HARWIN INC
|
BCM3520 |
CONNEC TV PLUG AND PLAY DTV RECEIVER
|
Broadcom Corporation.
|
M80-5T13442M2-01-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 34 x 3mm PC Tail signal contacts, 1 x 3.5mm PC Tail Power contacts 35 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L10642M5-03-313-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3mm PC Tail Coax contacts 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
DRB-37P11 DRB-37P12 DRB-37S11 DRB-37S12 DRA-09P11 |
90° Solder Dip (Male / Female) 90掳 Solder Dip (Male / Female) 90隆? Solder Dip (Male / Female)
|
Yamaichi Electronics Co., Ltd.
|
DD-15PNT-S-CB DD-15PNT-S-CE DD-15PNT-S-DB DD-15PNT |
180隆? Solder Dip (Male / Female) 180° Solder Dip (Male / Female)
|
Yamaichi Electronics Co., Ltd.
|
M80-5L10822M5-02-333-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 8 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M83-LML3M5N13-0302-333 |
Datamate 3-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 13 x 4mm PC Tail signal contacts, 5 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|